PART |
Description |
Maker |
SMBTA42 MMBTA42 |
NPN Silicon Transistor for High Voltages
|
INFINEON[Infineon Technologies AG]
|
SMBTA43 |
NPN Silicon Transistors for High Voltages
|
Siemens Semiconductor G...
|
AN158 |
Measuring High Voltages (5 to 1,000 Volts) with the CS5521/22/23/24/28 and CS5525/26 A/D Converters From old datasheet system
|
Cirrus Logic
|
HMBT5551 |
NPN EPITAXIAL PLANAR TRANSISTOR(for general purpose applications requiring high Breakdown Voltages )
|
Hi-Sincerity Microelectronics HSMC[Hi-Sincerity Mocroelectronics]
|
AAT3532 AAT3532IAS-B1 AAT3532IAS-T1 |
MicroPower?/a> Microprocessor Reset Circuit MicroPower⑩ Microprocessor Reset Circuit MicroPower Microprocessor Reset Circuit TRANSFORMER, 250VA, 2 X 60-55-0-55-60; Power, AC:250VA; Voltages, primary:0-240-380-415; Voltages, secondary:60-55-0-55-60, 60-55-0-55-60; Power, per secondary winding:125VA; Centres, fixing LxW:92 x 75 x 6 dia; Depth, RoHS Compliant: Yes MicroPowerMicroprocessor Reset Circuit Quad 2-input positive-AND gates with open collector outputs 14-PDIP 0 to 70 微功耗微处理器复位电路⑩
|
ANALOGICTECH[Advanced Analogic Technologies] Advanced Analogic Technologies, Inc.
|
MSK5502-12 |
Available in 12V and 15V Output Voltages
|
M.S. Kennedy Corporatio...
|
DK020L DK025L D8020L D4025L D8025L D6025L D2025L D |
Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V 特科制5甲均方根2500V000V额定电压的均方根整流 Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V 特科制5甲均方根500V000V额定电压的均方根整流 Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
|
Littelfuse, Inc.
|
1N4057 1N4057A |
12.4 THRU 200 VOLT NOMINAL ZENER VOLTAGES + 5%
|
Compensated Devices Incorporated
|
AMS811 AMS812-EUS-T AMS811L AMS811-EUS-T AMS811R A |
Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
|
Advanced Monolithic Systems Ltd
|
MAX1999 |
7V to 24V Input Voltage Range, 3.3V and 5V Output Voltages
|
Maxim Integrated Produc...
|
SMD0805P075TS SMD0805 SMD0805P010TS SMD0805P020TS |
These devices offer wide range in hold currents from 0.1 A to 1.0 A and voltages from 6 V to 15 V
|
Littelfuse
|